Part Number Hot Search : 
A1030 HGBBN BC369 BU4846G HIP66 AS324P MC36206 MRF3010
Product Description
Full Text Search
 

To Download P6KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transient Voltage Suppression Diodes
Axial Leaded - 600W > P6KE series
RoHS
P6KE Series
Description The P6KE Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Features resistance less than 1A R above 13V soldering guaranteed: 260C/40 seconds / 0.375" ,(9.5mm) lead length, 5 lbs., (2.3kg) tension Underwriters Laboratory Flammability classification 94V-O
temperature coefficient Agency Approvals
AGENCY AGENCY FILE NUMBER E128662/E230531
VBR = 0.1% x VBR@25C x T
junction in DO-15 Package capability at 10x1000s waveform, repetition rate (duty cycles):0.01% typically less than 1.0ps from 0 Volts to BV min
Unit W
Maximum Ratings and Thermal Characteristics (TA=25OC unless otherwise noted)
Parameter Peak Pulse Power Dissipation by 10x1000s test waveform (Fig.1) (Note 1) Steady State Power Dissipation on inifinite heat sink at TL=75C (Fig. 5) Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional only (Note 2) Maximum Instantaneous Forward Voltage at 50A for Unidirectional only (Note 3) Operating Junction and Storage Temperature Range Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient Symbol PPPM PD IFSM VF TJ , TSTG RuJL RuJA Value 600 5.0 100 3.5/5.0 -55 to 175 20 75
capability
Applications
W A V C C/W C/W
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications.
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25OC per Fig. 2. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. 3. VF<3.5V for devices of VBR < 200V and VF< 5.0V for devices of VBR > 201V. _ _
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/P6KE.html for current information.
81 Revision: January 09, 2009
P6KE Series
P6KE Series
Transient Voltage Suppression Diodes
Axial Leaded - 600W > P6KE series
Electrical Characteristics
Part Number (Uni)
P6KE6.8A P6KE7 .5A P6KE8.2A P6KE9.1A P6KE10A P6KE11A P6KE12A P6KE13A P6KE15A P6KE16A P6KE18A P6KE20A P6KE22A P6KE24A P6KE27A P6KE30A P6KE33A P6KE36A P6KE39A P6KE43A P6KE47A P6KE51A P6KE56A P6KE62A P6KE68A P6KE75A P6KE82A P6KE91A P6KE100A P6KE110A P6KE120A P6KE130A P6KE150A P6KE160A P6KE170A P6KE180A P6KE200A P6KE220A P6KE250A P6KE300A P6KE350A P6KE400A P6KE440A P6KE480A P6KE510A P6KE530A P6KE540A P6KE550A P6KE600A
Part Number (Bi)
P6KE6.8CA P6KE7 .5CA P6KE8.2CA P6KE9.1CA P6KE10CA P6KE11CA P6KE12CA P6KE13CA P6KE15CA P6KE16CA P6KE18CA P6KE20CA P6KE22CA P6KE24CA P6KE27CA P6KE30CA P6KE33CA P6KE36CA P6KE39CA P6KE43CA P6KE47CA P6KE51CA P6KE56CA P6KE62CA P6KE68CA P6KE75CA P6KE82CA P6KE91CA P6KE100CA P6KE110CA P6KE120CA P6KE130CA P6KE150CA P6KE160CA P6KE170CA P6KE180CA P6KE200CA P6KE220CA P6KE250CA P6KE300CA P6KE350CA P6KE400CA P6KE440CA P6KE480CA P6KE510CA P6KE530CA P6KE540CA P6KE550CA P6KE600CA
Reverse Stand off Voltage VR (Volts)
5.80 6.40 7 .02 7 .78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17 .10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47 .80 53.00 58.10 64.10 70.10 77 .80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00 408.00 434.00 477 .00 486.00 495.00 512.00
Breakdown Voltage VBR (Volts) @ IT MIN
6.45 7 .13 7 .79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17 .10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37 .10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77 .90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237 .00 285.00 332.00 380.00 418.00 456.00 485.00 503.50 513.00 522.50 570.00
MAX
7 .14 7 .88 8.61 9.55 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37 .80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137 .00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00 462.00 504.00 535.00 556.50 567 .00 577 .50 630.00
Test Current IT (mA)
10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Maximum Clamping Voltage VC @ Ipp (V)
10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27 .7 30.6 33.2 37 .5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77 .0 85.0 92.0 103.0 113.0 125.0 137 .0 152.0 165.0 179.0 207 .0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 828.0
Maximum Peak Pulse Current Ipp (A)
58.1 54.0 50.4 45.5 42.1 39.1 36.5 33.5 28.8 27 .1 24.2 22.0 19.9 18.4 16.3 14.7 13.3 12.2 11.3 10.3 9.4 8.7 7 .9 7 .2 6.6 5.9 5.4 4.9 4.5 4.0 3.7 3.4 2.9 2.8 2.6 2.5 2.2 1.9 1.8 1.5 1.3 1.1 1.0 0.9 0.9 0.8 0.8 0.8 0.75
Maximum Reverse Leakage IR@ VR (A)
1000 500 200 50 10 5 5 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Agency Approval
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
For bidirectional type having VR of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% and VC is 5% higher than with A parts
P6KE Series
82 Revision: January 09, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/P6KE.html for current information.
Transient Voltage Suppression Diodes
Axial Leaded - 600W > P6KE series
Ratings and Characteristic Curves (T =25C unless otherwise noted)
A
Figure 1 - Peak Pulse Power Rating
100
PPPM- Peak Pulse Power (kW)
Non-repetitive Pulse Waveform shown in Fig 3. TA=25uC
Figure 2 - Pulse Derating Curve
Peak Pulse Power (PPP) or Current (IPPM) Derating in Percentage, %
100
75
10
50
1
25
0.1 0.1s 1.0s 10s 100s 1.0ms 10ms
0 0 25 50 75 100 125 150 175 200
td- Pulse Width (sec.)
TA- Ambient Temperature (oC)
Figure 3 - Pulse Waveform
150
IPPM- Peak Pulse Current, % IRSM tr=10sec Peak Value IPPM
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
Figure 4 - Typical Junction Capacitance Uni-Directional
10000
Bi-directional V=0V
1000
Uni-directional @VR
Uni-directional V=0V
100
Half Value IPPM IPPM
2
Cj (pF)
()
10/1000sec. Waveform as defined by R.E.A
100
50
Bi-directional @VR
10
Tj=25C f=1.0MHz Vsig=50mVp-p
0
td
0
1.0
2.0 t-Time (ms)
3.0
4.0
1 1.0
10.0
100.0
1000.0
VBR - Reverse Breakdown Voltage (V)
Figure 5 - Steady State Power Derating Curve
Figure 6 - Maximum Non-Repetitive Forward Surge Current
120 IFSM - Peak Forward Surge Current (A) 100 80 60 40 20 0 1 10 Number of Cycles at 60 Hz 100
6
Steady State Power Dissipation (W)
5 4 3 2 1 0 0 25 50 75 100 125 150 175 200 TL-Lead Temperature(C)
L = 0.375" (9.5mm) Lead Lengths
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/P6KE.html for current information.
83 Revision: January 09, 2009
P6KE Series
P6KE Series
Transient Voltage Suppression Diodes
Axial Leaded - 600W > P6KE series
Soldering Parameters
Reflow Condition
TP
tp
Ramp-up Critical Zone TL to TP
- Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (min to max) (ts) Average ramp up rate (Liquidus Temp (TL) to peak TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Time (min to max) (ts)
150C
Temperature (T)
200C
TL Ts(max)
tL
Ramp-down
3C/second max 3C/second max 217C 260+0/-5 C
Ts(min) ts
Preheat
25C t 25C to Peak
Time (t)
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
Flow/Wave Soldering (Solder Dipping)
6C/second max 8 minutes Max. 280C Peak Temperature : Dipping Time : Soldering : 265OC 10 seconds 1 time
Physical Specifications
Weight Case Polarity Terminal 0.015oz., 0.4g JEDEC DO-204AC (DO-15) molded plastic body over passivated junction. Color band denotes the cathode except Bipolar. Matte Tin axial leads, solderable per JESD22-B102D.
Environmental Specifications
Temperature Cycle Pressure Cooker High Temp. Storage HTRB Thermal Shock JESD22-A104 JESD 22-A102 JESD22-A103 JESD22-A108 JESD22-A106
Dimensions
Dimensions Inches Min 1.000 0.230 0.028 0.104 Max 0.300 0.034 0.140 Millimeters Min 25.40 5.80 0.71 2.60 Max 7 .60 0.86 3.60
D C A B
DO-204AC (DO-15)
A B C D
A
P6KE Series
84 Revision: January 09, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/P6KE.html for current information.
Transient Voltage Suppression Diodes
Axial Leaded - 600W > P6KE series
Part Numbering System
P6KE xxx XX X
OPTION CODE: BLANK Reel Tape -B Bulk Packaging TYPE CODE: A Uni-Directional (5% Voltage Tolerance) CA Bi-Directional VOLTAGE CODE (Refer to the Electrical Characteristics table) SERIES CODE
Part Marking System
Cathode Band
P6KEXXX
F
Littelfuse Logo Product Type
Packaging
Part Number P6KExxxXX P6KExxxXX-B Component Package DO-204AC DO-204AC Quantity 4000 1000 Packaging Option Tape & Reel BULK Packaging Specification EIA STD RS-296E Littelfuse Concord Packing Spec. DM-0016
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/P6KE.html for current information.
85 Revision: January 09, 2009
P6KE Series
P6KE Series


▲Up To Search▲   

 
Price & Availability of P6KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X